Part Number Hot Search : 
A3046 IM811C 500102FC G2109 LV4904 SP702 CM1705 10X10
Product Description
Full Text Search
 

To Download PHE13003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
PHE13003AU
GENERAL DESCRIPTION
High-voltage, high-speed planar-passivated npn power switching transistor in the SOT533 envelope intended for use in high frequency electronic lighting ballast applications, converters and inverters, etc.
QUICK REFERENCE DATA
SYMBOL VCESM VCBO VCEO IC ICM Ptot VCEsat hFE tfi PARAMETER Collector-emitter voltage peak value Collector-Base voltage (open emitter) Collector-emitter voltage (open base) Collector current (DC) Collector current peak value Total power dissipation Collector-emitter saturation voltage Fall time (Inductive) CONDITIONS VBE = 0 V TYP. MAX. 700 700 400 1.5 3 50 1.0 25 150 UNIT V V V A A W V ns
Tmb 25 C IC = 1.0 A;IB = 0.25 A IC = 1.0 A; VCE = 5 V IC = 1.0 A; IBON = 0.2 A
PINNING - SOT533
PIN 1 2 3 tab base collector emitter collector DESCRIPTION
PIN CONFIGURATION
SYMBOL
c b
1 Top view 2 3
MBK915
e
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum Rating System (IEC 134) SYMBOL VCESM VCEO VCBO IC ICM IB IBM Ptot Tstg Tj PARAMETER Collector to emitter voltage Collector to emitter voltage (open base) Collector to base voltage (open emitter) Collector current (DC) Collector current peak value Base current (DC) Base current peak value Total power dissipation Storage temperature Junction temperature CONDITIONS VBE = 0 V MIN. -65 MAX. 700 400 700 1.5 3 0.75 1.5 50 150 150 UNIT V V V A A A A W C C
Tmb 25 C
THERMAL RESISTANCES
SYMBOL Rth j-mb Rth j-a PARAMETER Junction to mounting base Junction to ambient in free air CONDITIONS TYP. 70 MAX. 2.5 UNIT K/W K/W
September 1999
1
Rev 1.000
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
PHE13003AU
STATIC CHARACTERISTICS
Tmb = 25 C unless otherwise specified SYMBOL ICES,ICBO ICES ICEO IEBO VCEOsust VCEsat VBEsat hFE hFE PARAMETER Collector cut-off current 1 Collector cut-off current 1 Emitter cut-off current Collector-emitter sustaining voltage Collector-emitter saturation voltage Base-emitter saturation voltage DC current gain CONDITIONS VBE = 0 V; VCE = VCESMmax VBE = 0 V; VCE = VCESMmax; Tj = 125 C VCEO = VCEOMmax (400V) VEB = 9 V; IC = 0 A IB = 0 A; IC = 10 mA; L = 25 mH IC = 1.0 A;IB = 0.25 A IC = 1.0 A;IB = 0.25 A IC = 100mA; VCE = 5 V IC = 1.0 A; VCE = 5 V MIN. 400 8 5 TYP. MAX. 1.0 5.0 0.1 1 1.0 1.2 40 25 UNIT mA mA mA mA V V V
DYNAMIC CHARACTERISTICS
Tmb = 25 C unless otherwise specified SYMBOL PARAMETER Switching times (resistive load) ton ts tf ts tf Turn-on time Turn-off storage time Turn-off fall time Switching times (inductive load) Turn-off storage time Turn-off fall time Switching times (inductive load) ts tf Turn-off storage time Turn-off fall time CONDITIONS ICon = 1.0 A; IBon = -IBoff = 0.2 A; RL = 75 ohms; VBB2 = 4V; TYP. MAX. UNIT s s s s ns s ns
-
0.9 4.0 0.7
ICon = 1.0 A; IBon = 0.2 A; LB = 1 H; -VBB = 5 V ICon = 1.0 A; IBon = 0.2 A; LB = 1 H; -VBB = 5 V; Tj = 100 C
-
2 100
-
4 150
1 Measured with half sine-wave voltage (curve tracer).
September 1999
2
Rev 1.000
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
PHE13003AU
+ 50v 100-200R
!
10
Zth j-mb / (K/W) D= 0.5 0.2 0.1 0.05
1
Horizontal Oscilloscope Vertical 300R 30-60 Hz 6V
0.01 0.1
0.02 0
P D
tp
D=
1R
tp T t 10ms
T 10us 1ms t/s 0.1s
Fig.1. Test circuit for VCEOsust.
Fig.4. Transient thermal impedance. Zth j-lead = f(t); parameter D = tp/T
IC / mA
HFE 30
125 C
20
15
-40 C
10
25 C
250
VCE = 1V
5
100 10 0 VCE / V
min VCEOsust
Fig.2. Oscilloscope display for VCEOsust.
1 0.001
0.01
0.1 IC/A
1
2
3
5
Fig.5. Typical DC current gain. hFE = f(IC) parameter VCE
PD% Normalised Power Derating
HFE 30
120 110 100 90 80 70 60 50 40 30 20 10 0
125 C
-40 C 25 C
10
VCE = 5V
0
20
40
60
80 100 Tmb / C
120
140
1 0.001
0.01
0.1 IC/A
1
2
3
5
Fig.3. Normalised power dissipation. PD% = 100PD/PD 25C = f (Tmb)
Fig.6. Typical DC current gain. hFE = f(IC) parameter VCE
September 1999
3
Rev 1.000
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
PHE13003AU
VCEsat VOLTAGE/V 2
VBEsat VOLTAGE/V 1.5
1.4
1.3
1.5
IC/IB = 3
125 C
1.2
1.1
1
IC/IB = 3
1
-40 C 25 C
0.9
25 C
0.8
0.5
0.7
125 C
0.6
-40 C
0 0.01 0.1 IC, COLLECTOR CURRENT/A 1 2
0.5 0.01
0.1 IC, COLLECTOR CURRENT/A
1
2
Fig.7. Collector-Emitter saturation voltage. Solid Lines = typ values, IC/IB = 3
VCC
Fig.8. Base-Emitter saturation voltage. Solid Lines = typ values, IC/IB = 3
ICon 90 % IC
LC
10 %
IBon
ts
tf
t
LB T.U.T.
IB
toff IBon t -IBoff
-VBB
Fig.9. Test circuit inductive load. VCC = 300 V; -VBE = 5 V, LC = 200 H; LB = 1 H
Fig.10. Switching times waveforms with inductive load.
VCC
90 %
ICon
90 %
IC
RL VIM 0 tp T
ts
10 % ton tf IBon 10 % tr 30ns -IBoff
RB T.U.T.
IB
toff
Fig.11. Test circuit resistive load. VIM = -6 to +8 V VCC = 250 V; tp = 20 s; = tp / T = 0.01. RB and RL calculated from ICon and IBon requirements.
Fig.12. Switching times waveforms with resistive load.
September 1999
4
Rev 1.000
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
PHE13003AU
VCC
IC/A
2.5
2.25
2
1.75
LC
VCL(RBSOAR)
1.5
1.25
IBon
PROBE POINT LB T.U.T.
1
-9V -5V
0.75
0.5
-3V -1V
-VBB
0.25
0 0 100 200 300 400 500 600 700 800
VCEclamp/V
Fig.13. Test Circuit for the RBSOA test. Vcl 700V; Vcc = 150V; LB = 1H; Lc = 200H
Fig.14. Reverse bias safe operating area Tj Tjmax for -VBE = 9V, 5V,3V & 1V
September 1999
5
Rev 1.000
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
PHE13003AU
MECHANICAL DATA
Plastic single-ended package (Philips version of I-PAK); 3 leads (in-line) SOT533
E E1 D1 mounting base D A1
A
Q
L
1 e1 e
2 b
3 wM c
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 2.38 2.22 A1 0.89 0.71 b c D 7.28 6.94 D1 1.06 0.96 E 6.73 6.47 E1 5.36 5.26 e e1 L 9.8 9.4 Q 1.00 1.10
0.89 0.56 0.71 0.46
4.57 2.285
OUTLINE VERSION SOT533
REFERENCES IEC JEDEC TO-251 EIAJ
EUROPEAN PROJECTION
ISSUE DATE 99-02-18
Fig.15. SOT533 surface mounting package. Pin 2 connected to mounting base.
September 1999
6
Rev 1.000
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
PHE13003AU
DEFINITIONS
Data sheet status Objective specification Product specification Limiting values Limiting values are given in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of this specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. (c) Philips Electronics N.V. 1999 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, it is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights. This data sheet contains target or goal specifications for product development. This data sheet contains final product specifications. Preliminary specification This data sheet contains preliminary data; supplementary data may be published later.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
September 1999
7
Rev 1.000


▲Up To Search▲   

 
Price & Availability of PHE13003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X